Part Number Hot Search : 
00BZI NDY2409 F4206R ULN2023L 8S52TCJ RN1411 LIA12012 4N29A
Product Description
Full Text Search
 

To Download VN10KLS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VN0610L, VN10KLS, VN2222L
Vishay Siliconix
N-Channel 60-V (D-S) MOSFETs with Zener Gate
PRODUCT SUMMARY
Part Number
VN0610L VN10KLS VN2222L 60
V(BR)DSS Min (V)
rDS(on) Max (W)
5 @ VGS = 10 V 5 @ VGS = 10 V 7.5 @ VGS = 10 V
VGS(th) (V)
0.8 to 2.5 0.8 to 2.5 0.6 to 2.5
ID (A)
0.27 0.31 0.23
FEATURES
D D D D D Zener Diode Input Protected Low On-Resistance: 3 W Ultralow Threshold: 1.2 V Low Input Capacitance: 38 pF Low Input and Output Leakage
BENEFITS
D D D D D Extra ESD Protection Low Offset Voltage Low-Voltage Operation High-Speed, Easily Driven Low Error Voltage
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Solid-State Relays D Inductive Load Drivers
TO-226AA (TO-92)
S 1
Device Marking Front View VN0610L "S" VN 0610L xxyy VN2222L "S" VN 2222L xxyy S
TO-92S
Device Marking Front View VN10KLS G 2 "S" VN 10KLS xxyy "S" = Siliconix Logo xxyy = Date Code
1
G
2
D
3
D
3
Top View VN0610L VN2222L
"S" = Siliconix Logo xxyy = Date Code
Top View VN10KLS
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) _ Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. Document Number: 70213 S-04279--Rev. F, 16-Jul-01 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
VN2222L VN0610L
60 15/-0.3 0.27 0.17 1 0.8 0.32 156
VN10KLS
60 15/-0.3 0.31 0.20 1.0 0.9 0.4 139
Unit
V
A
W _C/W _C
-55 to 150
11-1
VN0610L, VN10KLS, VN2222L
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VN0610L VN10KLS VN2222L
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currentb
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
V(BR)DSS VGS(th) IGSS IDSS ID(on)
VGS = 0 V, ID = 100 mA VDS = VGS, ID = 1 mA VDS = 0 V, VGS = 15 V VDS = 48 V, VGS = 0 V TJ = 125_C VDS = 10 V, VGS = 10 V VGS = 5 V, ID = 0.2 A
120 1.2 1
60 0.8 2.5 100 10 500
60 0.6 2.5 100 10 500 0.75 7.5 5 9 7.5 7.5 13.5 100 mS W mA m A V nA
1 4 3 5.6 300 0.2
0.75
Drain-Source On-Resistanceb
rDS(on)
VGS = 10 V, ID = 0.5 A TJ = 125_C
Forward Transconductanceb Common Source Output Conductanceb
gfs gos
VDS = 10 V, ID = 0.5 A VDS = 7.5 V, ID = 0.05 A
100
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = 25 V, VGS = 0 V, f = 1 MHz 38 16 2 60 25 5 60 25 5 pF
Switchingc
Turn-On Time Turn-Off Time tON tOFF VDD = 15 V, RL = 23 W ID ^ 0.6 A, VGEN = 10 V RG = 25 W 7 9 10 10 10 ns 10 VNDP06
Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature.
www.vishay.com
11-2
Document Number: 70213 S-04279--Rev. F, 16-Jul-01
VN0610L, VN10KLS, VN2222L
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
50 VGS = 2.0 V 5V 40 ID - Drain Current (mA) 1.9 V 30 1.8 V 20 1.6 V 1.5 V 10 1.4 V 1.2 V 0 0 0.4 0.8 1.2 1.6 2.0 VDS - Drain-to-Source Voltage (V) 0 0 1 2 3 4 5 VDS - Drain-to-Source Voltage (V) ID - Drain Current (A) 0.6 4V 0.4 3V 0.2 2V 0.8 VGS = 10 V 1.0
Output Characteristics for Low Gate Drive
6V
Transfer Characteristics
0.5 VDS = 15 V 6 0.4 TJ = -55_C ID - Drain Current (A) 25_C 0.3 125_C 0.2 rDS(on) - On-Resistance ( ) 5 4 3 7
On-Resistance vs. Gate-to-Source Voltage
250 mA
500 mA ID = 50 mA
2 1
0.1
0 0 1 2 3 4 5 VGS - Gate-Source Voltage (V)
0 0 4 8 12 16 20 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
5 rDS(on) - Drain-Source On-Resistance ( ) (Normalized) rDS(on) - Drain-Source On-Resistance ( ) 2.25
Normalized On-Resistance vs. Junction Temperature
VGS = 10 V 2.00 1.75 1.50 1.25 1.00 0.75 0.50 ID = 0.5 A 0.1 A
4 VGS = 10 V 3
2
1
0 0 0.2 0.4 0.6 0.8 1.0
-50
-10
30
70
110
150
ID - Drain Current (A)
TJ - Junction Temperature (_C)
Document Number: 70213 S-04279--Rev. F, 16-Jul-01
www.vishay.com
11-3
VN0610L, VN10KLS, VN2222L
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
10 100 VGS = 0 V f = 1 MHz 80 ID - Drain Current (mA) 1 TJ = 150_C 100_C 0.1 25_C 0_C C - Capacitance (pF)
Capacitance
60
40 Coss 20
Ciss
-55_C 0.01 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 0 0
Crss
10
20
30
40
50
VGS - Gate-to-Source Voltage (V)
VDS - Drain-to-Source Voltage (V)
Gate Charge
15.0 ID = 0.5 A VGS - Gate-to-Source Voltage (V) 12.5 VDS = 30 V 10.0 t - Switching Time (ns) 100
Load Condition Effects on Switching
VDD = 15 V RL = 25 W VGS = 0 to 10 V
7.5
10
td(off) tf td(on) tr
5.0 48 V 2.5
0 0 100 200 300 400 500 600 Qg - Total Gate Charge (pC)
1 0.1 0.5 ID - Drain Current (A) 1.0
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA)
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.05 0.02
t1 t2 1. Duty Cycle, D = t1 t2 Notes: PDM
0.01 Single Pulse 0.01 0.1 1 10 100
2. Per Unit Base = RthJA = 156_C/W 3. TJM - TA = PDMZthJA(t)
1K
10 K
t1 - Square Wave Pulse Duration (sec)
www.vishay.com
11-4
Document Number: 70213 S-04279--Rev. F, 16-Jul-01


▲Up To Search▲   

 
Price & Availability of VN10KLS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X